Part Number Hot Search : 
OPM2007 000MHZ SKET800 9768B AD9281 171ED A20A1 PG108RS
Product Description
Full Text Search
 

To Download JANTX2N2905A-PIND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data pnp switching silicon transistor qualified per mil - prf - 19500/290 devices qualified level 2n2904 2n2904a 2n2904al 2n2905 2n2905a 2n2905al jan jantx jantxv jans maximum ratings ratings symbol 2n2904 2n2905 2n2904a, l 2n2905a, l unit collector - emitter voltage v ceo 40 60 vdc collector - base voltage v cbo 60 vdc emitter - base voltage v ebo 5.0 vdc collector current i c 600 madc total power dissipation @ t a = +25 0 c (1) @ t c = +25 0 c (2) p t 0.6 3.0 w w operating & storage junction temp. range t j , t stg - 65 to +200 0 c thermal characteristics characteristics symbol max. unit thermal resistance, junction - to - case r q jc 0.29 0 c/mw 1) derate linearly 3.43 w/ 0 c for t a > +25 0 c 2) derate linearly 1 7.2 w/ 0 c for t c > +25 0 c to - 39* (to - 205ad) 2n2904, 2n2904a 2n2905, 2n2905a to - 5* 2n2904al, 2n2905al *see appendix a for package outline electrical characteristics (t a = +25 0 c unless otherwise noted) characteristics symbol min. max. unit off charac teristics collector - emitter breakdown voltage i c = 10 madc 2n2904, 2n2905 2n2904a, l, 2n2905a, l v (br) ceo 40 60 vdc collector - emitter cutoff voltage v ce = 40 vdc 2n2904, 2n2905 v ce = 60 vdc 2n2904a, l, 2n2905a, l i ces 1.0 1.0 m adc collect or - base cutoff current v cb = 50 v dc 2n2904, 2n2905 2n2904a, l, 2n2905a, l v cb = 60 vdc all types i cbo 20 10 10 h adc m adc emitter - base cutoff current v eb = 3.5 vdc v eb = 5.0 vdc i ebo 50 10 h adc m adc 6 lake street, lawrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 1666 / fax: (978) 689 - 0803 120101 page 1 of 2
2n 2904, 2n2904a, 2n 2904al, 2n 2905, 2n2905a, 2n 2905al jan series electrical characteristics (con?t) characteristics symbol min. max. unit on characteristics (3) forward - current transfer ratio i c = 0.1 madc, v ce = 10 vdc 2n2904 2n2905 2n2904a, 2n2904al 2n2905a, 2n2905al i c = 1.0 madc, v ce = 10 vdc 2n2904 2n2905 2n2904a, 2n2904al 2n2905a, 2n2905al i c = 10 madc, v ce = 10 vd c 2n2904 2n2905 2n2904a, 2n2904al 2n2905a, 2n2905al i c = 150 madc, v ce = 10 vdc 2n2904, 2n2904a, l 2n2905, 2n2905a, l i c = 500 madc, v ce = 10 vdc 2n2904 2n2905 2n2904a, 2n2904al 2n2905a, 2n2905al h fe 20 35 40 75 25 50 40 100 35 75 40 100 40 100 20 30 40 50 175 450 175 450 120 300 collector - emitter saturation voltage i c = 150 madc, i b = 15 madc i c = 500 madc, i b = 50 madc v ce(sat) 0.4 1.6 vdc base - emitter voltage i c = 150 madc, i b = 15 madc i c = 500 madc, i b = 50 madc v be(sat) 1.3 2.6 vdc dynamic characteristics small - signal cutoff frequency i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz 2n2904 2n2905 2n2904a, 2n2905a 2n2904al, 2n2905al h fe 25 50 40 100 small - signal cutoff frequency, magnitude i c = 50 madc, v ce = 20 vdc, f = 100 mhz ? h fe ? 2.0 output capacitance v cb = 10 vdc, i e = 0, 100 khz f 1.0 mhz c obo 8.0 pf input capacitance v eb = 2.0 vdc, i c = 0, 100 khz f 1.0 mhz c ibo 30 pf switching characteristics turn - on time v c c = 30 vdc; i c = 150 madc; i b1 = 15 madc t on 45 h s turn - off time v cc = 30 vdc; i c = 150 madc; i b1 = i b2 = 15 madc t off 300 h s (3) pulse test: pulse width = 300 m s, duty cycle 2.0%. 6 lake street, lawrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 166 6 / fax: (978) 689 - 0803 120101 page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANTX2N2905A-PIND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X